Electronic Components Datasheet Search
  English  ▼

X  

MM7150 Datasheet(PDF) 7 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 3Page - Microchip Technology MM7150 Datasheet HTML 4Page - Microchip Technology MM7150 Datasheet HTML 5Page - Microchip Technology MM7150 Datasheet HTML 6Page - Microchip Technology MM7150 Datasheet HTML 7Page - Microchip Technology MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology MM7150 Datasheet HTML 10Page - Microchip Technology MM7150 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2015 Microchip Technology Inc.
DS00001888A-page 7
MM7150
2.0
MM7150 MODULE
The MM7150 Motion Module provides 9-axis sensor fusion that includes a 3-axis accelerometer, a 3-axis gyroscope
and a 3-axis magnetometer. The module has an I2C interface to the host, and supports HID over I2C. The module
includes the Bosch BMC150 Geomagnetic Sensor/Accelerometer and Bosch BMG160 Gyroscope.
2.1
Module Block Diagram
The block diagram of the module is shown in Figure 2-1.
2.2
Module Features
The MM7150 Motion Module provides self-contained 9-axis sensor fusion. It supports fast in-use background calibration
of all sensors and calibration monitor. Magnetic immunity features provide enhanced magnetic distortion detection and
suppression. The module also provides gyroscope drift cancellation.
2.3
Calibration Requirements
User calibration is not required. The MM7150 Motion Module supports fast in-use background calibration of all sensors
and calibration monitor.
2.4
Other Information
To obtain the most recent and complete documentation for this module, including:
- User's Guide
- Board Description
- Board Schematics
- Source Code
- Application Examples
- Links to Web Seminars
Please refer to the web site:
www.microchip.com/motion.
FIGURE 2-1:
MM7150 MODULE BLOCK DIAGRAM
Microchip
SSC7150
Motion Coprocessor
Bosch
BMG160
(Gyro)
Bosch
BMC150
(A+M)
TPS22929
Power Load
VSENSOR
HIDI2C_DEVICE_CLK
HIDI2C_DEVICE_DAT
HIDI2C_HOST_DAT
HIDI2C_HOST_CLK
HIDI2C_HOST_INT
HOST_TO_SH_WAKE
D2_WAKE_UP
VDD
VSS (x2)
AVSS
HOST_TO_SH_RESET
NC1
NC2
NC3
NC4
NC5
NC6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com