Electronic Components Datasheet Search
  English  ▼

X  

MM7150 Datasheet(PDF) 1 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 1 Page - Microchip Technology

  MM7150 Datasheet HTML 1Page - Microchip Technology MM7150 Datasheet HTML 2Page - Microchip Technology MM7150 Datasheet HTML 3Page - Microchip Technology MM7150 Datasheet HTML 4Page - Microchip Technology MM7150 Datasheet HTML 5Page - Microchip Technology MM7150 Datasheet HTML 6Page - Microchip Technology MM7150 Datasheet HTML 7Page - Microchip Technology MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2015 Microchip Technology Inc.
DS00001888A-page 1
Product Features
• High Performance 32-bit Embedded Controller
• Cost effective solution
• Small form factor ideal for embedded applications
• Low power; 13.25mA in active mode
• System in deep sleep consumes 70µA
• Host interface via I2C
• 3.3-Volt I/O
• Package
- 17mm x 17mm, 16-pin module
Sensor Firmware
• Sensor fusion firmware features include:
- Self-contained 9-axis sensor fusion
- Sensor data pass-through
- Fast in-use background calibration of all sen-
sors and calibration monitor
- Magnetic immunity: Enhanced magnetic dis-
tortion, detection and suppression
- Gyroscope drift cancellation
- Fully calibrated
• Easy to implement complete turnkey sensor
fusion solution
• Sensor power management
• Sensors Supported
- Bosch BMC150 Geomagnetic Sensor/Accel-
erometer
- Bosch BMG160 Gyroscope
Hardware Features
The hardware features in the MM7150 module include
the following:
•I2C Controller
- Supports I2C bus speeds to 400kHz
- Host Interface Supports Slave Operation
• Low Power Modes
Target Markets
• Internet of Things Applications
• Remote Controls, Gaming
• Fitness Monitoring
• Applications requiring data from an accelerome-
ter, magnetometer and gyroscope
Description
The MM7150 Motion Module is a simple, cost-effective
solution for integrating motion and positioning data into
a wide range of applications. The module contains the
SSC7150 motion coprocessor with integrated 9-axis
sensor fusion as well as high performance MEMS tech-
nology including a 3-axis accelerometer, gyroscope
and magnetometer. All components are integrated, cal-
ibrated and available on the module for PCB mounting.
MM7150
Motion Module


Similar Part No. - MM7150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MM7150-AB1 MICROCHIP-MM7150-AB1 Datasheet
329Kb / 28P
Motion Module
07/14/15
MM7150-AB1 MICROCHIP-MM7150-AB1 Datasheet
329Kb / 28P
Motion Module
07/14/15
MM7150I-AB1 MICROCHIP-MM7150I-AB1 Datasheet
329Kb / 28P
Motion Module
07/14/15
MM7150I-AB1 MICROCHIP-MM7150I-AB1 Datasheet
329Kb / 28P
Motion Module
07/14/15
More results

Similar Description - MM7150

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
32-bit Embedded Controller Division
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
Low Power 32-Bit Mobile Embedded Controller
03/25/14
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com