Electronic Components Datasheet Search
  English  ▼

X  

RN2483 Datasheet(PDF) 24 Page - Microchip Technology

Part # RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 24 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 17Page - Microchip Technology RN2483 Datasheet HTML 18Page - Microchip Technology RN2483 Datasheet HTML 19Page - Microchip Technology RN2483 Datasheet HTML 20Page - Microchip Technology RN2483 Datasheet HTML 21Page - Microchip Technology RN2483 Datasheet HTML 22Page - Microchip Technology RN2483 Datasheet HTML 23Page - Microchip Technology RN2483 Datasheet HTML 24Page - Microchip Technology RN2483 Datasheet HTML 25Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
RN2483 LoRa™ Technology PICtail™/PICtail Plus Daughter Board User’s Guide
DS50002366A-page 24
Advance Information
 2015 Microchip Technology Inc.
A.4
BILL OF MATERIALS
TABLE A-1:
RN2483 LORA™ TECHNOLOGY PICtail™/PICtail PLUS DAUGHTER BOARD BILL OF
MATERIALS (BOM)
Reference
Value
Description
Vendor
Vendor P/N
C1, C3
1uF
CAP, 0603, 25V, 10%, X7R
Murata Electronics
North America
GRM188R71E105KA12D
C2
470nF
CAP, 0603, 25V, 10%, X7R
Murata Electronics
North America
GRM188R71E474KA12D
C4
100nF
CAP, 0603, 25V, Y5V
Yageo
CC0603ZRY5V8BB104
C5
10uF
CAP, 0603, 6.3V, 20%, X5R
Murata Electronics
North America
GRM188R60J106ME47D
C6
10nF
CAP, 0603, 50V, 10%, X7R
Murata Electronics
North America
GRM188R71H103KA01D
C8
4.7uF
CAP, 0603, 6.3V, 10%, X5R
Murata Electronics
North America
GRM188R60J475KE19D
CUR1,
CUR2
—
CONN Pin2 2.54 mm_jumper
Harwin Inc
M20-9990245
D1
—
DIODE SCHOTTKY 20V 0.5A
SOD123
Diodes Inc
B0520LW-7-F
GND
—
CONN Pin1
Keystone
5012
IC1
—
IC MCP1825-3302E/DC
Microchip
MCP1825-3302E/DC
IC2
—
IC PIC18LF25K50-I/ML
Microchip
PIC18LF25K50-I/ML
JP2, JP4
—
RES 0 OHM 0603 JUMPER 2P Vishay Dale
CRCW06030000Z0EA
JP-S1
—
JUMPER SHUNT 2POS 2.54
mm LOPRO GOLD
TE Connectivity
382811-8
LD1, LD2
—
LED 565NM GRN DIFF 0603
Lumex
Opto/Components Inc
SML-LX0603GW-TR
PICTail
—
CONN Pin14x2 2.54 mm right
angle (PBC14DBDN)
Sullins Connector
Solutions
PBC14DBDN
R1
1.00 Ohm
RES 0603 1/10W 1%
Yageo
RC0603FR-071RL
R2
1.50 kOhm
RES 0603 1/10W 1%
Vishay Dale
CRCW06031K50FKEA
R3
2.70 kOhm
RES 0603 1/10W 1%
Vishay Dale
CRCW06032K70FKEA
R4, R5, R6,
R9, R10
220 Ohm
RES 0603 1/10W 1%
Vishay Dale
CRCW0603220RFKEA
R7
100 Ohm
RES 0603 1/10W 1%
Vishay Dale
CRCW0603100RFKEA
R8
4.70 kOhm
RES 0603 1/10W 1%
Vishay Dale
CRCW06034K70FKEA
RFH, RFL
—
CONN JACK SMA 50 OHM
EDGE MOUNT
Cinch Connectivity
Solutions Johnson
142-0711-821
U1
—
RF module RN2483 LoRa EU
433/868MHz
Microchip
RN2483
USB
—
CONN MINI B USB R/A SMD
Hirose
UX60-MB-5ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com