Electronic Components Datasheet Search
  English  ▼

X  

RN2483 Datasheet(PDF) 11 Page - Microchip Technology

Part # RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 11 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RN2483 LoRa™ TECHNOLOGY
PICtail™/PICtail PLUS DAUGHTER
BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
Advance Information
DS50002366A-page 11
Chapter 1. Overview
1.1
INTRODUCTION
The RN2483 LoRa™ Technology PICtail™/PICtail Plus Daughter Board is a
demonstration board that showcases the Microchip RN2483 Low-Power Long Range,
LoRa™ Technology Transceiver Module.
The RN2483 LoRa Technology PICtail/PICtail Plus Daughter Board provides access to
the RN2483 UART and General Purpose Input and Output (GPIO) ports.
This chapter discusses the following topics:
• Features
• Contents
• Board Configuration
1.2
FEATURES
The RN2483 LoRa Technology PICtail/PICtail Plus Daughter Board has the following
features as represented in Figure 1-1:
1. Microchip RN2483 Low-Power Long Range, LoRa™ Technology Transceiver
Module
2. SMA connector for 433 MHz band
3. SMA connector for 868 MHz band
4. Solder pads around the module for GPIOs, power pins and communication
signals
5. Supply Current measurement points
6. On-board LDO
7. UART traffic LEDs
8. ICSP header to program the on-board PIC18 MCU
9. USB connector
10. PICtail connection interface
11. PICtail Plus connection interface
12. PIC18 MCU for custom functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com