Electronic Components Datasheet Search
  English  ▼

X  

BGA428 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGA428
Description  BGA428 High Gain, Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGA428 Datasheet HTML 1Page - Infineon Technologies AG BGA428 Datasheet HTML 2Page - Infineon Technologies AG BGA428 Datasheet HTML 3Page - Infineon Technologies AG BGA428 Datasheet HTML 4Page - Infineon Technologies AG BGA428 Datasheet HTML 5Page - Infineon Technologies AG BGA428 Datasheet HTML 6Page - Infineon Technologies AG BGA428 Datasheet HTML 7Page - Infineon Technologies AG BGA428 Datasheet HTML 8Page - Infineon Technologies AG BGA428 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data sheet
4
2002-03-26
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Marking
Chip
BGA428
SOT363
PGs
T0527
BGA428 High Gain, Low Noise Amplifier
BGA428
VPS05604
6
3
1
5
4
2
Features
• High gain, GMA=20dB at 1.8GHz
• Low noise figure, NF=1.4dB at 1.8GHz
•Prematched
• Ideal for GSM, DCS1800, PCS1900
• Open collector output
• Typical supply voltage: 2.4-3V
•SIEGET®-45 technology
EHA07193
12 3
4
5
6
PGs
Direction of Unreeling
Top View
Marking on SOT-363 package
(for example PGs)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
Tape loading orientation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com