Electronic Components Datasheet Search
  English  ▼

X  

BGA428 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGA428
Description  BGA428 High Gain, Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 8 Page - Infineon Technologies AG

  BGA428 Datasheet HTML 1Page - Infineon Technologies AG BGA428 Datasheet HTML 2Page - Infineon Technologies AG BGA428 Datasheet HTML 3Page - Infineon Technologies AG BGA428 Datasheet HTML 4Page - Infineon Technologies AG BGA428 Datasheet HTML 5Page - Infineon Technologies AG BGA428 Datasheet HTML 6Page - Infineon Technologies AG BGA428 Datasheet HTML 7Page - Infineon Technologies AG BGA428 Datasheet HTML 8Page - Infineon Technologies AG BGA428 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BGA428
Data sheet
8/9
2002-03-26
Power Gain |S21|
2=f(f)
V
CC
= 2.7V, V
Out
=2.7V
1.7
1.8
1.9
2
2.1
15
16
17
18
19
20
21
22
23
Frequency [GHz]
Power Gain |S21|
2=f(f)
V
CC
= 2.7V, V
Out
=2.7V
0
1
2
3
4
5
6
−25
−20
−15
−10
−5
0
5
10
15
20
Frequency [GHz]
Off−Gain |S
21
|
2=f(V
CTRL
)
V
CC
= 0.0V, V
Out
=0.0V,R
CTRL
=2.7k
Ω
2
2.2
2.4
2.6
2.8
3
3.2
−20
−19
−18
−17
−16
−15
−14
−13
−12
−11
−10
V
CTRL
[V]
1800MHz
1990MHz
Matching |S
11
|,|S
22
|=f(f)
V
CC
= 2.7V, V
Out
=2.7V
1
1.5
2
2.5
3
−30
−25
−20
−15
−10
−5
0
Frequency [GHz]
S
11
S
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com