Electronic Components Datasheet Search
  English  ▼

X  

TS7003 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # TS7003
Description  A 300ksps, Single-supply, 12-Bit Serial-output ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7003 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button TS7003 Datasheet HTML 7Page - Silicon Laboratories TS7003 Datasheet HTML 8Page - Silicon Laboratories TS7003 Datasheet HTML 9Page - Silicon Laboratories TS7003 Datasheet HTML 10Page - Silicon Laboratories TS7003 Datasheet HTML 11Page - Silicon Laboratories TS7003 Datasheet HTML 12Page - Silicon Laboratories TS7003 Datasheet HTML 13Page - Silicon Laboratories TS7003 Datasheet HTML 14Page - Silicon Laboratories TS7003 Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TS7003
TS7003 Rev. 1.0
Page 11
Figure 8: TS7003 Serial Interface Timing Sequence
Figure 9: TS7003 Serial Interface Timing Specifications in Detail.
APPLICATIONS INFORMATION
Connection to Industry-Standard Serial Interfaces
The TS7003’s serial interface is fully compatible with
SPI/QSPI
and
MICROWIRE
standard
serial
interfaces (Refer to Figure 11). For serial interface
operation with these standards, the CPU’s serial
interface should be set to master mode so the CPU
then generates the serial clock. Second, the CPU’s
serial clock should be configured to operate up to
4.8MHz. The process to configure the serial clock and
data transfer operation is as follows:
1) Using a general-purpose I/O line from the CPU, the
CS pin is driven low to start a conversion. DOUT
transitions from high impedance to logic low. The
SCLK polarity should be low to start the conversion
process correctly.
2) Next, SCLK is activated for a minimum of 15 SCLK
cycles where the first two SCLKs produce zeros at
the DOUT pin. Data at DOUT is formatted MSB first
and DOUT transitions occur 20ns after the third (3rd)
SCLK low-to-high transition. Once the low-to-high
SCLK transition has occurred, data is valid at DOUT
TIME IN SHUTDOWN MODE - sec
CREF = 4.7µF
2
1
0.5
0
0.1m
10m
1
10
100m
2.5
1.5
1m
Figure 7: TS7003 Reference Power-Up Delay
vs Duration in Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com