Electronic Components Datasheet Search
  English  ▼

X  

TS7003 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS7003
Description  A 300ksps, Single-supply, 12-Bit Serial-output ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7003 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS7003 Datasheet HTML 1Page - Silicon Laboratories TS7003 Datasheet HTML 2Page - Silicon Laboratories TS7003 Datasheet HTML 3Page - Silicon Laboratories TS7003 Datasheet HTML 4Page - Silicon Laboratories TS7003 Datasheet HTML 5Page - Silicon Laboratories TS7003 Datasheet HTML 6Page - Silicon Laboratories TS7003 Datasheet HTML 7Page - Silicon Laboratories TS7003 Datasheet HTML 8Page - Silicon Laboratories TS7003 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TS7003
TS7003 Rev. 1.0
Page 3
ELECTRICAL SPECIFICATIONS
VDD = +2.7V to +3.6V; fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle, 300ksps; 4.7
μF capacitor at
REF; TA = -40ºC to +85ºC, unless otherwise noted. Typical values apply at TA = +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (See Note 1)
Resolution
12
Bits
Relative Accuracy
INL
See Note 2
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1.0
LSB
Offset Error
ZE
±6.0
LSB
Gain Error
GE
See Note 3
±6.0
LSB
Gain-Error Temperature Coefficient
TCGE
±1.6
ppm/°C
DYNAMIC SPECIFICATIONS (fIN = 75kHz sine wave, 2.5VPP, fSAMPLE = 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise
Plus Distortion Ratio
SINAD
70
dB
Total Harmonic Distortion
THD
Including the 5th harmonic
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Intermodulation Distortion
IMD
fA = 73kHz, fB = 77kHz
76
dB
Full-Power Bandwidth
FPBW
-3dB point
10
MHz
Full-Linear Bandwidth
FLBW
SINAD > 68dB
300
kHz
CONVERSION RATE
Conversion Time
tCONV
See Note 4
3.3
μs
Track/Hold Acquisition Time
tACQ
625
ns
Aperture Delay
tAD
10
ns
Aperture Jitter
tAJ
< 50
ps
Serial Clock Frequency
tSCLK
0.5
4.8
MHz
Duty Cycle
40
60
%
ANALOG INPUT (AIN)
Input Voltage Range
VIN
0
VREF
V
Input Capacitance
CINA
10
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
2.485
2.50
2.515
V
REF Short-Circuit Current
TA = +25°C
15
mA
REF Output Tempco
TCVREF
30
ppm/°C
Load Regulation
See Note 5; 0 to 0.75mA output load
3
5
mV/mA
Capacitive Bypass at REF
4.7
10
μF
DIGITAL INPUTS (SCLK, CS, SHDN)
Input High Voltage
VINH
2.4
V
Input Low Voltage
VINL
0.8
V
Input Hysteresis
VHYST
0.2
V
Input Leakage
IIN
VINL = 0V or VINH = VDD
±1
μA
Input Capacitance
CIND
15
pF
DIGITAL OUTPUT (DOUT)
Output Voltage Low
VOL
ISINK = 5mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.5mA
VDD - 0.5
V
Three-State Leakage Current
IL
VCS = +3V
±10
μA
Three-State Output Capacitance
COUT
VCS = +3V
15
pF
POWER SUPPLY
Positive Supply Voltage
VDD
See Note 6
2.7
3.6
V
Positive Supply Current
IDD
See Note 7; VDD = +3.6V
0.95
1.25
mA
Shutdown Supply Current
ISHDN
SCLK = VDD, SHDN = GND
0.2
2
μA
Power-Supply Rejection
PSR
VDD = +2.7V to 3.6V, midscale input
±0.5
±2.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com