Electronic Components Datasheet Search
  English  ▼

X  

TS12012 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # TS12012
Description  Nanopower Op Amp, Comparator, and Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12012 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button TS12012 Datasheet HTML 9Page - Silicon Laboratories TS12012 Datasheet HTML 10Page - Silicon Laboratories TS12012 Datasheet HTML 11Page - Silicon Laboratories TS12012 Datasheet HTML 12Page - Silicon Laboratories TS12012 Datasheet HTML 13Page - Silicon Laboratories TS12012 Datasheet HTML 14Page - Silicon Laboratories TS12012 Datasheet HTML 15Page - Silicon Laboratories TS12012 Datasheet HTML 16Page - Silicon Laboratories TS12012 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 13
inverting input of the op-amp. This switches the
output voltage of the op-amp to a LOW state and in
turn, switches Q1 off. If, however, the battery voltage
drops from 1.5V to 1.39V, the comparator output will
switch from an output HIGH to a LOW. This will turn
off Q2 and the output of the op-amp will turn Q1 off.
The complete circuit consumes approximately 95µA
of supply current at VDD = 1.5V.
Figure 4. Pilot Light Flame Detector with Low-Battery Lockout Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com