Electronic Components Datasheet Search
  English  ▼

X  

TS12012 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS12012
Description  Nanopower Op Amp, Comparator, and Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12012 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS12012 Datasheet HTML 1Page - Silicon Laboratories TS12012 Datasheet HTML 2Page - Silicon Laboratories TS12012 Datasheet HTML 3Page - Silicon Laboratories TS12012 Datasheet HTML 4Page - Silicon Laboratories TS12012 Datasheet HTML 5Page - Silicon Laboratories TS12012 Datasheet HTML 6Page - Silicon Laboratories TS12012 Datasheet HTML 7Page - Silicon Laboratories TS12012 Datasheet HTML 8Page - Silicon Laboratories TS12012 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TS12011/TS12012
Page 2
TS12011/12 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD to VSS) ................................................. +2.75 V
Input Voltage
AMPIN+, AMPIN-…………………….….VSS – 0.3V to VDD + 0.3V
COMPIN+, COMPIN-…..........................VSS – 0.3V to VDD + 0.3V
LHDET………………………………..…….….. VSS - 0.3V to +5.5V
Output Voltage
AMPOUT, REFOUT……….………….....VSS – 0.3V to VDD + 0.3V
COMPOUT (TS12011)………….........…VSS - 0.3V to VDD + 0.3V
COMPOUT (TS12012)……...…..………….…VSS - 0.3V to +5.5V
Differential Input Voltage (AMPIN, COMPIN)........................ ±2.75V
Output Current
AMPOUT, COMPOUT…………………...............................50mA
Short-Circuit Duration
(REFOUT, AMPOUT, COMPOUT)………………...….Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ......... 1078mW
Operating Temperature Range................................. -40°C to +85°C
Junction Temperature……………………………………..……+150°C
Storage Temperature Range.................................. -65°C to +150°C
Lead Temperature (Soldering, 10s)...................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS12011ITD1022
AAL
Tape
& Reel
-----
TS12012ITD1022
AAM
Tape
& Reel
-----
TS12011ITD1022T
Tape
& Reel
3000
TS12012ITD1022T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com