Electronic Components Datasheet Search
  English  ▼

X  

SEC4410 Datasheet(PDF) 39 Page - Microchip Technology

Part # SEC4410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC4410 Datasheet(HTML) 39 Page - Microchip Technology

Back Button SEC4410 Datasheet HTML 35Page - Microchip Technology SEC4410 Datasheet HTML 36Page - Microchip Technology SEC4410 Datasheet HTML 37Page - Microchip Technology SEC4410 Datasheet HTML 38Page - Microchip Technology SEC4410 Datasheet HTML 39Page - Microchip Technology SEC4410 Datasheet HTML 40Page - Microchip Technology SEC4410 Datasheet HTML 41Page - Microchip Technology SEC4410 Datasheet HTML 42Page - Microchip Technology SEC4410 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 39
SEC2410/SEC4410
The Work Queues for the Processor is different from all other work queues. There is really only a single work queue at
0x00ED00. The Work Queue is 32 bits wide. The address of the WQ is aliased from 0x00ED00 to 0x00EDFF.
AHB
addresses A7 through A3 are mapped to D31 through D27. The format of the data written to the FIFO is given below.
If the processor wants to write to its own work queue, 0x50 must be pre-pended to the address.
6.4.4
WORK QUEUE FIFO EXAMPLE:
Completion Notification to EP Read (CR_AHB+ED00), with Context 0x5, last = 1, Length = 0x777
Actual Data written into FIFO: 0x00077785
Given this value, the Processor can determine the Endpoint number. This way, the Processor can have 16 Read and
16 Write endpoints in a single FIFO. The FIFO is 16 deep. If the FIFO is full when another notification comes in, the write
is suppressed, and the overflow bit is set.
6.5
Bridge Control Registers
These control registers appear on the CR_X32 bus.
TABLE 6-1:
WQE/CN FIFO FORMAT
Bits
Name
Description
D31~D27
WQ ID
AHB Address A[7:3]
D27~D24
Status
Not Used Currently
D23~D8
Length
This length overrides the length in the work request.
For SEC2410/SEC4410, only the lower 12 bits will be used.
D7
Last_buffer
If last_buffer = 1, this indicates that this is the last buffer of the
transaction.
D6~D0
Context[6:0]
This field contains the reference to the Work Request being used.
TABLE 6-2:
WORK QUEUE FIFO
AHB_WQ_FIFO_SLV
(CR_AHB+ED00 RESET=0x00000000)
WQ FIFOSlave Address
Byte
Name
R/W
Description
31:0
CN_DATA
R
This is the Work Queue FIFO that is written to by the AMBA master
on the CR_AHB bus when it wants to post a completion notification.
TABLE 6-3:
WORK QUEUE FIFO
WQ_FIFO
(CR_X32 + 0x0C30 RESET=0x00000000)
Processor Work Queue FIFO
Byte
Name
R/W
Description
31:0
WQ_DATA
R
This is the Work Queue FIFO that is read by the Processor to read
the completion notifications posted to it. The FIFO read pointer is
advance every time the most least byte (address 0) is read.
To avoid endianess issues, read this fifo 32bits at a time only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com