Electronic Components Datasheet Search
  English  ▼

X  

SEC4410 Datasheet(PDF) 8 Page - Microchip Technology

Part # SEC4410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC4410 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SEC4410 Datasheet HTML 4Page - Microchip Technology SEC4410 Datasheet HTML 5Page - Microchip Technology SEC4410 Datasheet HTML 6Page - Microchip Technology SEC4410 Datasheet HTML 7Page - Microchip Technology SEC4410 Datasheet HTML 8Page - Microchip Technology SEC4410 Datasheet HTML 9Page - Microchip Technology SEC4410 Datasheet HTML 10Page - Microchip Technology SEC4410 Datasheet HTML 11Page - Microchip Technology SEC4410 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 8
 2013 - 2014 Microchip Technology Inc.
2.0
CONFIGURATION OPTIONS
The SEC2410/SEC4410 can be configured to support the desired interfaces as outlined in the sections below. The
SEC2410/SEC4410 can be programmed using one of the configured interfaces as outlined in Section 22.0, Bootloader.
Programming the SEC2410/SEC4410 using any of the described interfaces is outlined in the Software Development
Reference Guide 6.
2.1
SPI ROM
The SPI ROM must be 1 Mbit or larger and support either 30 MHz or 60 MHz. The frequency used is set using SPD_-
SEL. For 30 MHz operation, this pin must be pulled to ground through a 100 k
Ω resistor. For 60 MHz operation, this pin
must pulled up through a 100 k
Ω resistor. During RESET_N assertion, the SPD_SEL pin is tri-stated. When RESET_N
is negated, the value on the pin is internally latched, and the pin reverts to SPI_DO functionality.
2.2
Supported System Configurations
This chapter illustrates some possible configurations available for SEC2410/SEC4410.
2.2.1
SD PLUS SC CONFIGURATION
This one SD interface, Smartcard and rest are 3.3 Volt GPIOs.
FIGURE 2-1:
SPI ROM Connection
FIGURE 2-2:
SD Plus SC Configuration
SPI_CE_N
SPI_CLK / GPIO4
SPI_DI / GPIO2
SPI_DO(SPD_SEL)
SPI ROM
CE#
CLK
DI
DO
SD
SEC2410
CRD_PWR1
SD1 Intfc
(2) GPIO
GPIO
USB
USB
Conn
GPIO
nCD,WP
VBUS
3.3 Volt GPIO
(20) GPIO
JTAG
Conn
JTAG
SC
VAR_CRD_PWR
SC Intfc
(2) GPIO
GPIO
PSNT,LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com