Electronic Components Datasheet Search
  English  ▼

X  

DAC60096 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC60096
Description  96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60096 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC60096 Datasheet HTML 17Page - Texas Instruments DAC60096 Datasheet HTML 18Page - Texas Instruments DAC60096 Datasheet HTML 19Page - Texas Instruments DAC60096 Datasheet HTML 20Page - Texas Instruments DAC60096 Datasheet HTML 21Page - Texas Instruments DAC60096 Datasheet HTML 22Page - Texas Instruments DAC60096 Datasheet HTML 23Page - Texas Instruments DAC60096 Datasheet HTML 24Page - Texas Instruments DAC60096 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Reference
(2.5V)
DAC1
12-b
VREFH_n
DAC Reference
REFGND[1,2]
C = 100nF
(Minimize
inductance to pin)
100 nF
(Minimize
inductance to pin)
REF[1,2]
+10.5V
-10.5V
VREFL_n
C = 100nF
(Minimize
inductance to pin)
DAC Reference
21
DAC60096
www.ti.com
SBAS721A – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: DAC60096
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3.2 Reference Specifications
The DAC60096 integrates dedicated reference buffers that enable operation from an external 2.5-V reference
source. The reference buffers generate the ±10.5-V levels used to drive the DACs in the device. A 100-nF
bypass capacitor should be placed between the REF[1,2] input pins and REFGND[1,2]. Additionally a
compensation 100-nF bypass capacitor for each VREFH_n and VREFL_n pin (n = G1, G2, G3, G4, G5, G6, G7
or G8) is required and should be placed as close as possible to the pins.
Figure 34. Reference Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com