Electronic Components Datasheet Search
  English  ▼

X  

DAC60096 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC60096
Description  96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60096 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC60096 Datasheet HTML 9Page - Texas Instruments DAC60096 Datasheet HTML 10Page - Texas Instruments DAC60096 Datasheet HTML 11Page - Texas Instruments DAC60096 Datasheet HTML 12Page - Texas Instruments DAC60096 Datasheet HTML 13Page - Texas Instruments DAC60096 Datasheet HTML 14Page - Texas Instruments DAC60096 Datasheet HTML 15Page - Texas Instruments DAC60096 Datasheet HTML 16Page - Texas Instruments DAC60096 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
0
500
1000
1500
2000
10
100
1K
10K
100K
1M
Frequency (Hz)
C011
0
100
200
300
400
500
200
400
600
800
1000
Capacitive Load (pF)
C012
13
DAC60096
www.ti.com
SBAS721A – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: DAC60096
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics: DC Mode (continued)
at AVCC = 12 V, AVSS = –12 V, DVDD = 3.3 V, AGND = DGND = REFGND[1,2] = 0 V, REF1 = REF2 = 2.5 V (specifications
exclude any reference contributions), no load on DACs, and TA = 25°C (unless otherwise noted)
Figure 10. DAC Output Noise vs Frequency
Figure 11. Settling Time Amplitude vs Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com