Electronic Components Datasheet Search
  English  ▼

X  

LMP92066PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92066PWPR
Description  Dual Temperature-Controlled DAC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92066PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button LMP92066PWPR Datasheet HTML 29Page - Texas Instruments LMP92066PWPR Datasheet HTML 30Page - Texas Instruments LMP92066PWPR Datasheet HTML 31Page - Texas Instruments LMP92066PWPR Datasheet HTML 32Page - Texas Instruments LMP92066PWPR Datasheet HTML 33Page - Texas Instruments LMP92066PWPR Datasheet HTML 34Page - Texas Instruments LMP92066PWPR Datasheet HTML 35Page - Texas Instruments LMP92066PWPR Datasheet HTML 36Page - Texas Instruments LMP92066PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
LMP92066
www.ti.com
SNAS634B – MARCH 2014 – REVISED JANUARY 2016
ACCESS
ACCESS
ADDRESS
NAME
BIT
FUNCTION
DESCRIPTION
TYPE
LEVEL
0x04
DAC1M
R
L0
7:4
*
Reserved bit. Always report as 0.
3:0
DAC[11:8]
4-bit MSB nibble of the 12-bit DAC1 input word.
ACCESS
ACCESS
ADDRESS
NAME
BIT
FUNCTION
DESCRIPTION
TYPE
LEVEL
0x05
DAC1L
R
L0
7:0
TEMP[7:0]
8-bit LSB byte of the 12-bit DAC1 input word.
8.5.3 Temperature Sensor Status Register
This register may contain non-zero values immediately after the device power up. Within 100 ms of the power up
the TEMP_STATUS register clears, indicating the temperature sensor’s output is valid.
ACCESS
ACCESS
ADDRESS
NAME
BIT
FUNCTION
DESCRIPTION
TYPE
LEVEL
If RDYB=0x00, the Temperature Sensor is initialized
0x07
TEMP_STATUS
R
L0
7:0
RBYB
and producing valid output.
8.5.4 Override Control Register
Override functionality allows the user to insert external data into the signal path of the device. When TEMP
override is enabled, the temperature sensor’s data is ignored, and the user-supplied data is used to index the
LUT (TEMPM_OVRD and TEMPL_OVRD, below). When DAC override is enabled the LUT and ALU produced
output is ignored, and both DAC0 and DAC1 use external data as their inputs (DAC0M_OVRD, DAC0L_OVRD
and DAC1M_OVRD and DAC1L_OVRD described below).
NOTE
Only 3 OVRD_CNTL[2:0] settings are allowed: 0x0, 0x1, 0x2; simultaneous DAC and
TEMP override is not allowed.
ACCESS
ACCESS
ADDRESS
NAME
BIT
FUNCTION
DESCRIPTION
TYPE
LEVEL
7:4
*
Reserved bit. Always WRITE 0
3
RES
Reserved bit. Always WRITE 0
2
RES
Reserved bit. Always WRITE 0
DAC override enable bit:
0: DAC input generated by LUT
1
DAC
0x08
OVRD_CNTL
R/W
L2
1: DAC input is supplied from user accessible
registers DACxy_OVRD.
DAC override enable bit:
0: DAC input generated by LUT
0
TEMP
1: DAC input is supplied from user accesible
registers TEMPy_OVRD.
8.5.5 Override Data Registers
These registers hold the externally supplied data to be inserted into the signal path of the device (see
OVRD_CNTL).
NOTE
Since override data are 12-bit words stored in 2 adjacent registers, it is the writing of the
lower byte that makes the new value take effect.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LMP92066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com