Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 23Page - Microchip Technology USB2422 Datasheet HTML 24Page - Microchip Technology USB2422 Datasheet HTML 25Page - Microchip Technology USB2422 Datasheet HTML 26Page - Microchip Technology USB2422 Datasheet HTML 27Page - Microchip Technology USB2422 Datasheet HTML 28Page - Microchip Technology USB2422 Datasheet HTML 29Page - Microchip Technology USB2422 Datasheet HTML 30Page - Microchip Technology USB2422 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 27
USB2422
4.4.11
PORT DISABLE FOR SELF-POWERED OPERATION REGISTER (PDS)
4.4.12
PORT DISABLE FOR BUS-POWERED OPERATION REGISTER (PDB)
Address:
0Ah
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Disable Self-Powered (PORT_DIS_SP)
Disables 1 or more ports.
0 = port is available
1 = port is disabled
During Self-Powered operation, when PRTMAP_EN = '0', this selects the
ports which will be permanently disabled, and are not available to be enabled
or enumerated by a Host Controller. The ports can be disabled in any order,
the internal logic will automatically report the correct number of enabled ports
to the USB Host, and will reorder the active ports in order to ensure proper
function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 Disable
Bit 1= Port 1 Disable
Bit 0= Reserved
R/W
00h
Address:
0Bh
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Disable Bus-Powered (PORT_DIS_BP)
Disables 1 or more ports.
0 = port is available
1 = port is disabled
During Bus-Powered operation, when PRTMAP_EN = '0', this selects the
ports which will be permanently disabled, and are not available to be enabled
or enumerated by a Host Controller. The ports can be disabled in any order,
the internal logic will automatically report the correct number of enabled ports
to the USB Host, and will reorder the active ports in order to ensure proper
function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 Disable
Bit 1= Port 1 Disable
Bit 0= Reserved
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com