Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 27Page - Microchip Technology USB2422 Datasheet HTML 28Page - Microchip Technology USB2422 Datasheet HTML 29Page - Microchip Technology USB2422 Datasheet HTML 30Page - Microchip Technology USB2422 Datasheet HTML 31Page - Microchip Technology USB2422 Datasheet HTML 32Page - Microchip Technology USB2422 Datasheet HTML 33Page - Microchip Technology USB2422 Datasheet HTML 34Page - Microchip Technology USB2422 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 31
USB2422
4.4.25
SERIAL STRING REGISTERS (SERSTR)
4.4.26
BATTERY CHARGING ENABLE REGISTER (BC_EN)
4.4.27
BOOST UPSTREAM REGISTER (BOOSTUP)
Address:
92h-CFh
Size:
8 bits
Bits
Description
Type
Default
7:0
Serial String (SER_STR)
UNICODE UTF-16LE per USB 2.0 Specification.
Maximum string length is 31 characters (62 Bytes).
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at
the least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner).
R/W
00h
Address:
D0h
Size:
8 bits
Bits
Description
Type
Default
7:0
Battery Charging Enable (BC_EN)
Enables the battery charging feature for the corresponding port.
0 = Battery Charging support is not enabled
1 = Battery charging support is enabled
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 Battery Charging Enable
Bit 1= Port 1 Battery Charging Enable
Bit 0= Reserved
R/W
00h
Address:
F6h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
--
1:0
Boost Upstream (BOOST_IOUT_A)
USB electrical signaling drive strength Boost Bit for Upstream Port 'A'.
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com