Electronic Components Datasheet Search
  English  ▼

X  

BSP125 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP125
Description  SIPMOS Power-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP125 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP125 Datasheet HTML 1Page - Infineon Technologies AG BSP125 Datasheet HTML 2Page - Infineon Technologies AG BSP125 Datasheet HTML 3Page - Infineon Technologies AG BSP125 Datasheet HTML 4Page - Infineon Technologies AG BSP125 Datasheet HTML 5Page - Infineon Technologies AG BSP125 Datasheet HTML 6Page - Infineon Technologies AG BSP125 Datasheet HTML 7Page - Infineon Technologies AG BSP125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003-02-26
Page 6
Rev. 1.0
BSP125
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 0.12 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
20
40
60
80
100
120
140
Ω
170
BSP125
typ
98%
(.) Typ. gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS; ID =94µA
-60
-20
20
60
100
°C
160
Tj
0
0.4
0.8
1.2
1.6
2
Ω
2.8
2%
typ.
98%
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0, f=1 MHz, Tj = 25 °C
0
8
16
24
32
40
V
52
VDS
0
10
1
10
2
10
3
10
pF
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-3
10
-2
10
-1
10
0
10
A
BSP125
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com