Electronic Components Datasheet Search
  English  ▼

X  

BSP125 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP125
Description  SIPMOS Power-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP125 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP125 Datasheet HTML 1Page - Infineon Technologies AG BSP125 Datasheet HTML 2Page - Infineon Technologies AG BSP125 Datasheet HTML 3Page - Infineon Technologies AG BSP125 Datasheet HTML 4Page - Infineon Technologies AG BSP125 Datasheet HTML 5Page - Infineon Technologies AG BSP125 Datasheet HTML 6Page - Infineon Technologies AG BSP125 Datasheet HTML 7Page - Infineon Technologies AG BSP125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2003-02-26
Page 1
Rev. 1.0
BSP125
SIPMOS® Power-Transistor
Product Summary
VDS
600
V
RDS(on)
45
Ω
ID
0.12
A
Feature
• N-Channel
• Enhancement mode
• Logic Level
• dv/dt rated
SOT-223
Marking
BSP125
Type
Package
Ordering Code
Tape and Reel Information
BSP125
SOT-223
Q62702-S654
E6327: 3000 pcs/reel
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
0.12
0.1
A
Pulsed drain current
TA=25°C
ID puls
0.48
Reverse diode dv/dt
IS=0.12A, VDS=480V, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
ESD Sensitivity (HBM) as per MIL-STD 883
Class 1
Power dissipation
TA=25°C, TA=25
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSP125

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results

Similar Description - BSP125

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
SIPMOS Power Transistor
05.99
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
SIPMOS Power-Transistor
2001-08-24
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
SIPMOS Power Transistor
06.99
BUZ32H INFINEON-BUZ32H Datasheet
408Kb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
SPP18P06PG INFINEON-SPP18P06PG_10 Datasheet
454Kb / 9P
SIPMOS Power-Transistor
Rev1.9 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com