Electronic Components Datasheet Search
  English  ▼

X  

BSP298 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP298
Description  SIPMOS Small-Signal Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP298 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP298 Datasheet HTML 1Page - Infineon Technologies AG BSP298 Datasheet HTML 2Page - Infineon Technologies AG BSP298 Datasheet HTML 3Page - Infineon Technologies AG BSP298 Datasheet HTML 4Page - Infineon Technologies AG BSP298 Datasheet HTML 5Page - Infineon Technologies AG BSP298 Datasheet HTML 6Page - Infineon Technologies AG BSP298 Datasheet HTML 7Page - Infineon Technologies AG BSP298 Datasheet HTML 8Page - Infineon Technologies AG BSP298 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
Sep-12-1996
BSP 298
Maximum Ratings
Parameter
Symbol
Values
Unit
Chip or operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip to ambient air
RthJA
≤ 70
K/W
Therminal resistance, junction-soldering point 1)
RthJS
≤ 10
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 0 °C
V(BR)DSS
400
-
-
V
Gate threshold voltage
VGS=VDS, ID = 1 mA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 400 V, VGS = 0 V, Tj = 25 °C
VDS = 400 V, VGS = 0 V, Tj = 125 °C
IDSS
-
-
10
0.1
100
1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-state resistance
VGS = 10 V, ID = 0.5 A
RDS(on)
-
2.2
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com