Electronic Components Datasheet Search
  English  ▼

X  

BSP298 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP298
Description  SIPMOS Small-Signal Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP298 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP298 Datasheet HTML 1Page - Infineon Technologies AG BSP298 Datasheet HTML 2Page - Infineon Technologies AG BSP298 Datasheet HTML 3Page - Infineon Technologies AG BSP298 Datasheet HTML 4Page - Infineon Technologies AG BSP298 Datasheet HTML 5Page - Infineon Technologies AG BSP298 Datasheet HTML 6Page - Infineon Technologies AG BSP298 Datasheet HTML 7Page - Infineon Technologies AG BSP298 Datasheet HTML 8Page - Infineon Technologies AG BSP298 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Sep-12-1996
BSP 298
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 0.5 A
gfs
0.5
1.2
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
300
400
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
50
75
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
20
30
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 0.3 A
RGS = 50 Ω
td(on)
-
10
15
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 0.3 A
RGS = 50 Ω
tr
-
25
40
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 0.3 A
RGS = 50 Ω
td(off)
-
30
40
Fall time
VDD = 30 V, VGS = 10 V, ID = 0.3 A
RGS = 50 Ω
tf
-
20
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com