Electronic Components Datasheet Search
  English  ▼

X  

BSP315P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP315P
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP315P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP315P Datasheet HTML 1Page - Infineon Technologies AG BSP315P Datasheet HTML 2Page - Infineon Technologies AG BSP315P Datasheet HTML 3Page - Infineon Technologies AG BSP315P Datasheet HTML 4Page - Infineon Technologies AG BSP315P Datasheet HTML 5Page - Infineon Technologies AG BSP315P Datasheet HTML 6Page - Infineon Technologies AG BSP315P Datasheet HTML 7Page - Infineon Technologies AG BSP315P Datasheet HTML 8Page - Infineon Technologies AG BSP315P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1999-09-14
Page 1
BSP 315 P
Preliminary data
SIPMOS® Small-Signal-Transistor
Features
• P-Channel
• Enhancement mode
• Avalanche rated
• Logic Level
• dv/dt rated
Product Summary
Drain source voltage
V
VDS
-60
Drain-Source on-state resistance
RDS(on)
0.8
Ω
Continuous drain current
A
ID
-1.17
VPS05163
1
2
3
4
Type
Package
Ordering Code
BSP 315 P
SOT-223
Q67042-S4004
Pin 1
Pin2/4
PIN 3
G
D
S
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Value
-1.17
-0.94
A
Continuous drain current
TA = 25 °C
TA = 70 °C
ID
Pulsed drain current
TA = 25 °C
ID puls
-4.68
Avalanche energy, single pulse
ID = -1.17 A , VDD = -25 V, RGS = 25 Ω
24
mJ
EAS
Avalanche energy, periodic limited by
Tjmax
EAR
0.18
d
v/dt
6
Reverse diode d
v/dt
IS = -1.17 A, VDS = -48 V, di/dt = 200 A/µs,
Tjmax = 150 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TA = 25 °C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55...+150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSP315P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP315P INFINEON-BSP315P Datasheet
12Mb / 9P
SIPMOS Small-Signal-Transistor
Rev.1.4 2007-02-08
BSP315P INFINEON-BSP315P Datasheet
486Kb / 10P
SIPMOS Small-Signal-Transistor
Rev.1.7 2012-11-26
logo
Kersemi Electronic Co.,...
BSP315P KERSEMI-BSP315P Datasheet
725Kb / 5P
Green device available.
logo
VBsemi Electronics Co.,...
BSP315P VBSEMI-BSP315P Datasheet
953Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
More results

Similar Description - BSP315P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com