Electronic Components Datasheet Search
  English  ▼

X  

BSP315P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP315P
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP315P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP315P Datasheet HTML 1Page - Infineon Technologies AG BSP315P Datasheet HTML 2Page - Infineon Technologies AG BSP315P Datasheet HTML 3Page - Infineon Technologies AG BSP315P Datasheet HTML 4Page - Infineon Technologies AG BSP315P Datasheet HTML 5Page - Infineon Technologies AG BSP315P Datasheet HTML 6Page - Infineon Technologies AG BSP315P Datasheet HTML 7Page - Infineon Technologies AG BSP315P Datasheet HTML 8Page - Infineon Technologies AG BSP315P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1999-09-14
Page 3
BSP 315 P
Preliminary data
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≤2*ID*RDS(on)max , ID = -0.89 A
0.7
gfs
S
-
1.4
Input capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Ciss
130
160
pF
-
Coss
-
50
40
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
21
17
Crss
-
Turn-on delay time
VDD = -30 V, VGS = -4.5 V, ID = -0.89 A,
RG = 18 Ω
-
36
ns
24
td(on)
Rise time
VDD = -30 V, VGS = -4.5 V, ID = -0.89 A,
RG = 18 Ω
tr
-
14
9
32
48
td(off)
Turn-off delay time
VDD = -30 V, VGS = -4.5 V, ID = -0.89 A,
RG = 18 Ω
-
Fall time
VDD = -30 V, VGS = -4.5 V, ID = -0.89 A,
RG = 18 Ω
tf
-
19
28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com