Electronic Components Datasheet Search
  English  ▼

X  

A6986F3V3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 2Page - STMicroelectronics A6986F3V3 Datasheet HTML 3Page - STMicroelectronics A6986F3V3 Datasheet HTML 4Page - STMicroelectronics A6986F3V3 Datasheet HTML 5Page - STMicroelectronics A6986F3V3 Datasheet HTML 6Page - STMicroelectronics A6986F3V3 Datasheet HTML 7Page - STMicroelectronics A6986F3V3 Datasheet HTML 8Page - STMicroelectronics A6986F3V3 Datasheet HTML 9Page - STMicroelectronics A6986F3V3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Pin settings
A6986F
6/72
DocID027739 Rev 1
2.3
Maximum ratings
Stressing the device above the rating listed in Table 2: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
12
PGND
Power GND
13
LX
Switching node
14
LX
Switching node
15
VIN
DC input voltage
16
VBIAS
Typically connected to the regulated output voltage. An external voltage reference can be used to
supply part of the analog circuitry to increase the efficiency at light-load. Connect to GND if not
used.
-
E. p.
Exposed pad must be connected to SGND, PGND
Table 1. Pin description (continued)
No.
Pin
Description
Table 2. Absolute maximum ratings
Symbol
Description
Min.
Max.
Unit
VIN
See Table 1
-0.3
40
V
DELAY
-0.3
VCC + 0.3
V
PGND
SGND - 0.3
SGND + 0.3
V
SGND
V
VCC
-0.3
(VIN + 0.3) or (max. 4)
V
SS / INH
-0.3
VIN + 0.3
V
MLF
-0.3
VCC + 0.3
V
COMP
-0.3
VCC + 0.3
V
VOUT
-0.3
10
V
FSW
-0.3
VCC + 0.3
V
SYNCH
-0.3
VIN + 0.3
V
VBIAS
-0.3
(VIN + 0.3) or (max. 6)
V
RST
-0.3
VIN + 0.3
V
LX
-0.3
VIN + 0.3
V
TJ
Operating temperature range
-40
150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering 10 sec.)
260
°C
IHS, ILS
High-side / low-side switch current
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com