Electronic Components Datasheet Search
  English  ▼

X  

A6986F3V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 1 Page - STMicroelectronics

  A6986F3V3 Datasheet HTML 1Page - STMicroelectronics A6986F3V3 Datasheet HTML 2Page - STMicroelectronics A6986F3V3 Datasheet HTML 3Page - STMicroelectronics A6986F3V3 Datasheet HTML 4Page - STMicroelectronics A6986F3V3 Datasheet HTML 5Page - STMicroelectronics A6986F3V3 Datasheet HTML 6Page - STMicroelectronics A6986F3V3 Datasheet HTML 7Page - STMicroelectronics A6986F3V3 Datasheet HTML 8Page - STMicroelectronics A6986F3V3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
This is information on a product in full production.
April 2015
DocID027739 Rev 1
1/72
A6986F
38 V 1.5 A synchronous step-down switching regulator with 30 µA
quiescent current
Datasheet
- production data
Features
 AECQ100 qualification
 1.5 A DC output current
 4 V to 38 V operating input voltage
 Low consumption mode or low noise mode
 30 µA IQ at light-load (LCM VOUT = 3.3 V)
 8 µA IQ-SHTDWN
 Adjustable fSW (250 kHz - 2 MHz)
 Fixed output voltage (3.3 V and 5 V) or
adjustable from 0.85 V to VIN
 Embedded output voltage supervisor
 Synchronization
 Adjustable soft-start time
 Internal current limiting
 Overvoltage protection
 Output voltage sequencing
 Peak current mode architecture
 RDSON HS = 180 m, RDSON LS = 150 m
 Thermal shutdown
Applications
 Designed for automotive systems
 Battery powered applications
 Car body applications (LCM)
 Car audio and low noise applications (LNM)
Description
The A6986F automotive grade device is a step-
down monolithic switching regulator able to
deliver up to 1.5 A DC. The output voltage
adjustability ranges from 0.85 V to VIN. The 100%
duty cycle capability and the wide input voltage
range meet the cold crank and load dump
specifications for automotive systems. The “Low
Consumption Mode” (LCM) is designed for
applications active during car parking, so it
maximizes the efficiency at light-load with
controlled output voltage ripple. The “Low Noise
Mode” (LNM) makes the switching frequency
constant and minimizes the output voltage ripple
overload current range, meeting the low noise
application specification like car audio. The output
voltage supervisor manages the reset phase for
any digital load (µC, FPGA.). The RST open
collector output can also implement output
voltage sequencing during the power-up phase.
The synchronous rectification, designed for high
efficiency at medium - heavy load, and the high
switching frequency capability make the size of
the application compact. Pulse by pulse current
sensing on both power elements implements an
effective constant current protection.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - A6986F3V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H3V3 STMICROELECTRONICS-A6986H3V3 Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H3V3TR STMICROELECTRONICS-A6986H3V3TR Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H5V STMICROELECTRONICS-A6986H5V Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
More results

Similar Description - A6986F3V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
02-Feb-2016
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com