Electronic Components Datasheet Search
  English  ▼

X  

BSP372 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP372
Description  SIPMOS Small-Signal Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP372 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP372 Datasheet HTML 1Page - Infineon Technologies AG BSP372 Datasheet HTML 2Page - Infineon Technologies AG BSP372 Datasheet HTML 3Page - Infineon Technologies AG BSP372 Datasheet HTML 4Page - Infineon Technologies AG BSP372 Datasheet HTML 5Page - Infineon Technologies AG BSP372 Datasheet HTML 6Page - Infineon Technologies AG BSP372 Datasheet HTML 7Page - Infineon Technologies AG BSP372 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BSP 372
Data Sheet
5
05.99
Power dissipation
Ptot = ƒ(TA)
0
20
40
60
80
100
120
˚C
160
T
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
W
2.0
P
tot
Drain current
ID = ƒ(TA)
parameter:
V
GS ≥ 5 V
0
20
40
60
80
100
120
˚C
160
T
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
A
1.8
I
D
Safe operating area
ID=f(VDS)
parameter :
D = 0, TC=25˚C
Transient thermal impedance
Zth JA = ƒ(tp)
parameter:
D = t
p / T
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
K/W
Z
thJA
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com