Electronic Components Datasheet Search
  English  ▼

X  

BSP372 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP372
Description  SIPMOS Small-Signal Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP372 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP372 Datasheet HTML 1Page - Infineon Technologies AG BSP372 Datasheet HTML 2Page - Infineon Technologies AG BSP372 Datasheet HTML 3Page - Infineon Technologies AG BSP372 Datasheet HTML 4Page - Infineon Technologies AG BSP372 Datasheet HTML 5Page - Infineon Technologies AG BSP372 Datasheet HTML 6Page - Infineon Technologies AG BSP372 Datasheet HTML 7Page - Infineon Technologies AG BSP372 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BSP 372
Data Sheet
6
05.99
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
5.0
V
DS
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
A
3.8
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 2W
l
10.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
t
p = 80 µs, Tj = 25 ˚C
0.0
0.2
0.4
0.6
0.8
1.0
A
1.4
I
D
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ω
1.0
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
6.0
h
h
7.0
i
i
8.0
j
j
9.0
k
k
10.0
Typ. transfer characteristics
ID = f(VGS)
parameter: tp = 80 µs
VDS≥ 2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
A
6.5
I
D
Typ. forward transconductance
gfs = f (ID)
parameter: tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0.0
1.0
2.0
3.0
4.0
A
6.0
I
D
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
S
6.5
g
fs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com