Electronic Components Datasheet Search
  English  ▼

X  

R5973D Datasheet(PDF) 24 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 20Page - STMicroelectronics R5973D Datasheet HTML 21Page - STMicroelectronics R5973D Datasheet HTML 22Page - STMicroelectronics R5973D Datasheet HTML 23Page - STMicroelectronics R5973D Datasheet HTML 24Page - STMicroelectronics R5973D Datasheet HTML 25Page - STMicroelectronics R5973D Datasheet HTML 26Page - STMicroelectronics R5973D Datasheet HTML 27Page - STMicroelectronics R5973D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Application information
R5973D
24/39
DocID026876 Rev 1
8.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
High impedance paths (in particular the feedback connections) are susceptible to
interference, so they should be as far as possible from the high current paths. A layout
example is provided in Figure 13.
The input and output loops are minimized to avoid radiation and high frequency resonance
problems. The feedback pin connections to the external divider are very close to the device
to avoid pick-up noise. Another important issue is the ground plane of the board. Since the
package has an exposed pad, it is very important to connect it to an extended ground plane
in order to reduce the thermal resistance junction to ambient.
Figure 13. Layout example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39