Electronic Components Datasheet Search
  English  ▼

X  

R5973D Datasheet(PDF) 26 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 22Page - STMicroelectronics R5973D Datasheet HTML 23Page - STMicroelectronics R5973D Datasheet HTML 24Page - STMicroelectronics R5973D Datasheet HTML 25Page - STMicroelectronics R5973D Datasheet HTML 26Page - STMicroelectronics R5973D Datasheet HTML 27Page - STMicroelectronics R5973D Datasheet HTML 28Page - STMicroelectronics R5973D Datasheet HTML 29Page - STMicroelectronics R5973D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Application information
R5973D
26/39
DocID026876 Rev 1
Example 2:
VIN = 12 V
VOUT = 3.3 V
IOUT = 2 A
RDS(on) has a typical value of 0.25 at 25 °C and increases up to a maximum value of 0.5 at
150 °C. We can consider a value of 0.4
.
TSW is approximately 70 ns.
IQ has a typical value of 2.5 mA at VIN = 12 V.
The overall losses are:
Equation 25
The junction temperature of device will be:
Equation 26
Where TA is the ambient temperature and RthJ-A is the thermal resistance junction to
ambient. Considering that the device is mounted on board with a good ground plane, that it
has a thermal resistance junction to ambient (RthJ-A) of about 42 °C/W, and an ambient
temperature of about 70 °C:
Equation 27
8.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.4: Current protection on page 11). In these conditions, the
duty cycle is strongly reduced and, in most applications, this is enough to limit the current to
ILIM. In any event, in case of heavy short-circuit at the output (VO = 0 V) and depending on
the application conditions (Vcc value and parasitic effect of external components) the current
peak could reach values higher than ILIM. This can be understood considering the inductor
current ripple during the ON and OFF phases:
ON phase
Equation 28
OFF phase
PTOT
RDSON IOUT

2
DVIN IOUT
TSW
FSW VIN IQ=
+
+
=
0.4 2
2
0.3 12 2
70
10
9
–
250
10
3
–
12 2.5
10
3
–
+
+
0.93W
=
TJ
TA RthJA
–
PTOT
+
=
TJ
70 0.93 42 110
C
+
=
IL TON
VIN Vout
–
DCRL RDSON
+
 I
–
L
------------------------------------------------------------------------------------ TON

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com