Electronic Components Datasheet Search
  English  ▼

X  

BSP742R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP742R Datasheet HTML 1Page - Infineon Technologies AG BSP742R Datasheet HTML 2Page - Infineon Technologies AG BSP742R Datasheet HTML 3Page - Infineon Technologies AG BSP742R Datasheet HTML 4Page - Infineon Technologies AG BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2004-03-16
Page 5
BSP 742 R
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Protection Functions1)
Initial peak short circuit current limit (pin 5 to 3)
Tj = -40 °C, Vbb = 20 V
Tj = 25 °C
Tj = 150 °C
IL(SCp)
-
-
0.4
-
1.2
-
2
-
-
A
Repetitive short circuit current limit
Tj = Tjt (see timing diagrams)
IL(SCr)
-
1
-
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL),
Ibb = 4 mA
VON(CL)
41
47
-
V
Overvoltage protection 2)
Ibb = 4 mA
Vbb(AZ)
41
-
-
Thermal overload trip temperature
Tjt
150
-
-
°C
Thermal hysteresis
∆Tjt
-
10
-
K
Reverse Battery
Reverse battery3)
-Vbb
-
-
32
V
Drain-source diode voltage (VOUT > Vbb)
Tj = 150 °C
-VON
-
600
-
mV
1Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation .
2 see also VON(CL) in circuit diagram on page 8
3Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source diode has
to be limited by the connected load. Power dissipation is higher compared to normal operating conditions due to the
voltage drop across the drain-source diode. The temperature protection is not active during reverse current operation!
Input current has to be limited (see max. ratings page 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com