Electronic Components Datasheet Search
  English  ▼

X  

BSP742R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 4Page - Infineon Technologies AG BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG BSP742R Datasheet HTML 10Page - Infineon Technologies AG BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2004-03-16
Page 8
BSP 742 R
Terms
Inductive and overvoltage output clamp
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
I ST
IIN
V
bb
Ibb
I L
VOUT
I
GND
VON
R
GND
+ Vbb
OUT
GND
VZ
VON
VON clamped to 47 V typ.
Overvoltage protection of logic part
Input circuit (ESD protection)
IN
GND
I
R
ZD
I
I
I
ESD-
The use of ESD zener diodes as voltage clamp
at DC conditions is not recommended
VZ1=6.1V typ., VZ2=Vbb(AZ)=47V typ.,
RI=3.5 kΩ typ., RGND=150Ω
Reverse battery protection
Status output
GND
Logic
ST
R
IN
ST
± 5V
OUT
L
R
Power GND
GND
R
Signal GND
Power
Inverse
I
R
V bb
-
Diode
ST
GND
ESD-
ZD
+5V
R
ST(ON)
RGND=150Ω, RI=3.5kΩ typ.,
Temperature protection is not active during
inverse current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com