Electronic Components Datasheet Search
  English  ▼

X  

BSP752T Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSP752T
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP752T Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSP752T Datasheet HTML 6Page - Infineon Technologies AG BSP752T Datasheet HTML 7Page - Infineon Technologies AG BSP752T Datasheet HTML 8Page - Infineon Technologies AG BSP752T Datasheet HTML 9Page - Infineon Technologies AG BSP752T Datasheet HTML 10Page - Infineon Technologies AG BSP752T Datasheet HTML 11Page - Infineon Technologies AG BSP752T Datasheet HTML 12Page - Infineon Technologies AG BSP752T Datasheet HTML 13Page - Infineon Technologies AG BSP752T Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2004-01-27
Page 10
BSP 752 T
Typ. turn off time
toff = f(Tj); RL = 47Ω
-40 -20
0
20
40
60
80 100 120 °C 160
Tj
0
20
40
60
80
100
120
µs
160
9...42V
Typ. turn on time
ton = f(Tj); RL = 47Ω
-40 -20
0
20
40
60
80 100 120 °C 160
Tj
0
20
40
60
80
100
120
µs
160
9V
13.5V
42V
Typ. slew rate on
dV/dton = f(Tj) ; RL = 47 Ω
-40 -20
0
20
40
60
80 100 120 °C 160
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V/µs
2
9V
13.5V
42V
Typ. slew rate off
dV/dtoff = f(Tj); RL = 47 Ω
-40 -20
0
20
40
60
80 100 120 °C 160
Tj
0
0.5
1
1.5
2
2.5
V/µs
3.5
9V
13.5V
42V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com