Electronic Components Datasheet Search
  English  ▼

X  

BSP752T Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP752T
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP752T Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP752T Datasheet HTML 1Page - Infineon Technologies AG BSP752T Datasheet HTML 2Page - Infineon Technologies AG BSP752T Datasheet HTML 3Page - Infineon Technologies AG BSP752T Datasheet HTML 4Page - Infineon Technologies AG BSP752T Datasheet HTML 5Page - Infineon Technologies AG BSP752T Datasheet HTML 6Page - Infineon Technologies AG BSP752T Datasheet HTML 7Page - Infineon Technologies AG BSP752T Datasheet HTML 8Page - Infineon Technologies AG BSP752T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2004-01-27
Page 2
BSP 752 T
Block Diagram
+ Vbb
IN
Signal GND
ESD
miniPROFET
OUT
GND
Logic
Voltage
source
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
Load GND
Load
V Logic
Overvoltage
protection
Pin
Symbol
Function
1
GND
Logic ground
2
IN
Input, activates the power switch in case of logic high signal
3
OUT
Output to the load
4
NC
not connected
5
Vbb
Positive power supply voltage
6
Vbb
Positive power supply voltage
7
Vbb
Positive power supply voltage
8
Vbb
Positive power supply voltage
Pin configuration
GND
1
•
8
Vbb
IN
2
7
Vbb
OUT
3
6
Vbb
NC
4
5
Vbb
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com