Electronic Components Datasheet Search
  English  ▼

X  

BSP762 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP762
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP762 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP762 Datasheet HTML 1Page - Infineon Technologies AG BSP762 Datasheet HTML 2Page - Infineon Technologies AG BSP762 Datasheet HTML 3Page - Infineon Technologies AG BSP762 Datasheet HTML 4Page - Infineon Technologies AG BSP762 Datasheet HTML 5Page - Infineon Technologies AG BSP762 Datasheet HTML 6Page - Infineon Technologies AG BSP762 Datasheet HTML 7Page - Infineon Technologies AG BSP762 Datasheet HTML 8Page - Infineon Technologies AG BSP762 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2004-01-27
Page 4
BSP 762 T
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Load Switching Capabilities and Characteristics
On-state resistance
Tj = 25 °C, IL = 2 A, Vbb = 9...40 V
Tj = 150 °C
RON
-
-
70
140
100
200
m
Ω
Nominal load current; Device on PCB 1)
TC = 85 °C, Tj ≤ 150 °C
IL(nom)
2
2.4
-
A
Turn-on time
to 90% VOUT
RL = 47 Ω
ton
-
90
170
µs
Turn-off time
to 10% VOUT
RL = 47 Ω
toff
-
90
230
Slew rate on
10 to 30% VOUT,
RL = 47 Ω
dV/dton
-
0.8
1.7
V/µs
Slew rate off
70 to 40% VOUT,
RL = 47 Ω
-dV/dtoff
-
0.8
1.7
Operating Parameters
Operating voltage
Vbb(on)
5
-
34
V
Undervoltage shutdown of charge pump
Tj = -40...+85 °C
Tj = 150 °C
Vbb(under)
-
-
-
-
4
5.5
Undervoltage restart of charge pump
Vbb(u cp)
-
4
5.5
Standby current
Tj = -40...+85 °C, VIN = 0 V
Tj = 150°C2) , VIN = 0 V
Ibb(off)
-
-
-
-
10
15
µA
Leakage output current (included in Ibb(off))
VIN = 0 V
IL(off)
-
-
5
Operating current
VIN = 5 V
IGND
-
0.5
1.3
mA
1Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air. (see page 16)
2higher current due temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com