Electronic Components Datasheet Search
  English  ▼

X  

BSP762 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP762
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP762 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP762 Datasheet HTML 4Page - Infineon Technologies AG BSP762 Datasheet HTML 5Page - Infineon Technologies AG BSP762 Datasheet HTML 6Page - Infineon Technologies AG BSP762 Datasheet HTML 7Page - Infineon Technologies AG BSP762 Datasheet HTML 8Page - Infineon Technologies AG BSP762 Datasheet HTML 9Page - Infineon Technologies AG BSP762 Datasheet HTML 10Page - Infineon Technologies AG BSP762 Datasheet HTML 11Page - Infineon Technologies AG BSP762 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2004-01-27
Page 8
BSP 762 T
Vbb disconnect with charged inductive
load
PROFET
V
IN
OUT
GND
bb
V
bb
high
GND disconnect
PROFET
V
IN
OUT
GND
bb
V
bb
V
IN
V
GND
Inductive Load switch-off energy
dissipation
PROFET
V
IN
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
RL
L
{
L
Z
GND disconnect with GND pull up
PROFET
V
IN
OUT
GND
bb
V
bb
V
GND
V
IN
Energy stored in load inductance: EL = ½ * L * IL2
While demagnetizing load inductance,
the enérgy dissipated in PROFET is
EAS = Ebb + EL - ER = VON(CL) * iL(t) dt,
with an approximate solution for RL > 0Ω:
E
IL
R
VV
IR
V
AS
L
L
bb
O U T C L
LL
OUT C L
=+
+
*
*
*(
|
) * ln (
*
||
)
()|
()
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com