Electronic Components Datasheet Search
  English  ▼

X  

BTS120 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS120
Description  TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS120 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS120 Datasheet HTML 2Page - Infineon Technologies AG BTS120 Datasheet HTML 3Page - Infineon Technologies AG BTS120 Datasheet HTML 4Page - Infineon Technologies AG BTS120 Datasheet HTML 5Page - Infineon Technologies AG BTS120 Datasheet HTML 6Page - Infineon Technologies AG BTS120 Datasheet HTML 7Page - Infineon Technologies AG BTS120 Datasheet HTML 8Page - Infineon Technologies AG BTS120 Datasheet HTML 9Page - Infineon Technologies AG BTS120 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TEMPFET® BTS 120
6
04.97
Drain-source on-state resistance
R
DS(on) = f (Tj)
Parameter:
I
D = 9 A, VGS = 10 V
Typ. transfer characteristic
I
D = f (VGS)
Parameter
:t
p = 80 µs, VDS = 25 V
Gate threshold voltage
V
GS(th) = f (Tj)
Parameter
:V
DS = VGS, ID = 1 mA (spread)
Typ. transconductance
g
fs = f (ID)
Parameter:
t
p = 80 µs, VDS = 25 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com