Electronic Components Datasheet Search
  English  ▼

X  

4414 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4414
Description  Data Sheet 4414/12M
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4414 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4414 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Data Sheet 4414/12M
5/7/2012
page 3 of 11
1
General
Fan type
Fan
Rotational direction looking at rotor
clockwise
Airflow direction
Air outlet over struts
Bearing system
Ball bearing
Mounting position
any
2
Mechanics
2.1
General
Width
119,0 mm
Height
119,0 mm
Depth
38,0 mm
Weight
0,275 kg
Housing material
Plastic
Impeller material
Plastic
Max. torque when mounted across both mounting
flanges
wire outlet corner: 80 Ncm
remaining corners: 80 Ncm
Screw size
ISO 4762 - M4 degreased, without an additional
brace and without washer
2.2
Connections
Electrical connection
Wires
Length of lead wire
310 mm
Tolerance
+- 10,0 mm
Wire gauge (AWG)
24
Insulation diameter
1,10 mm
Colour
Operation
Wire 1
red
+ UB
Wire 2
blue
- GND
Wire 3
white
Tacho
The auxilliaries shown on the schematic diagram (which are required for the intended use) are not part of our delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com