Electronic Components Datasheet Search
  English  ▼

X  

4414 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 4414
Description  Data Sheet 4414/12M
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4414 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  4414 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Data Sheet 4414/12M
5/7/2012
page 5 of 11
3.2
Electrical Operating Data
Measurement
conditions:
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C; Motor axis horizontal;warm-up
time before measuring 5 minutes (unless otherwise specified).In the intake and outlet area
should not be any solid obstruction within 0,5 m.
∆p = 0:
corresp. to free air flow (see section 3.5)
I:
corresp. to arithm. mean current value
Features
Condition
Symbol
Values
Voltage range
∆p = 0
U
18,0 V
28,0 V
Nominal voltage
∆p = 0
UN
24,0 V
Power consumption
∆p = 0
0001
P
2,1 W
4,1 W
5,9 W
Tolerance
+- 17,5 %
+- 12,5 %
+- 15,0 %
Current consumption
∆p = 0
0001
I
118 mA
170 mA
210 mA
Tolerance
+- 17,5 %
+- 12,5 %
+- 15,0 %
Speed
∆p = 0
0001
n
2.540 1/min
3.300 1/min
3.720 1/min
Tolerance
+- 12,5 %
+- 7,5 %
+- 10,0 %
Starting current
consumption
< 1.400 mA
3.3
Operating Data - Electrical Interface -Output
Tacho type
/12 (TTL)
Features
Note
Values
Tacho signal TTL High
2,5 V
Min.: 5,5 V
Tacho signal Low
I sink: 1 mA
<= 0,4 V
Tacho signal High
I source: 1 mA
Maximum sink current
<= 1 mA
Maximum source current
1 mA
External resistor
All voltages measured to
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com