Electronic Components Datasheet Search
  English  ▼

X  

L3G462A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3G462A
Description  625 dps full scale - 3-axis analog gyroscope
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G462A Datasheet(HTML) 3 Page - STMicroelectronics

  L3G462A Datasheet HTML 1Page - STMicroelectronics L3G462A Datasheet HTML 2Page - STMicroelectronics L3G462A Datasheet HTML 3Page - STMicroelectronics L3G462A Datasheet HTML 4Page - STMicroelectronics L3G462A Datasheet HTML 5Page - STMicroelectronics L3G462A Datasheet HTML 6Page - STMicroelectronics L3G462A Datasheet HTML 7Page - STMicroelectronics L3G462A Datasheet HTML 8Page - STMicroelectronics L3G462A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
L3G462A
Block diagram and pin description
Doc ID 018584 Rev 1
3/11
1
Block diagram and pin description
1.1
Pin description
Figure 1.
Pin connection
Table 2.
Pin description
Pin#
Name
Function
1
NC
Internally not connected
2
MS1
Mode selection pin 1
3
Res
Reserved. Connect to GND
4
OUT_Y
Yaw axis angular rate output
5
OUT_R
Roll axis angular rate output
6
OUT_P
Pitch axis angular rate output
7
Vdd
Power supply
8
Res
Reserved. Leave unconnected
9
Res
Reserved. Leave unconnected
10
MS2
Mode selection pin 2
11
Res
Reserved. Leave unconnected
12
GND
0 V supply voltage
13
GND
0 V supply voltage
14
CAP
Charge pump capacitor connection pin
15
Vtemp
Temperature sensor output
16
Vdd
Power supply
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
MS1
Res
OUT_Y
Res
MS2
Res
GND
1
8
12
5
4
9
13
16
+Ω
OUT_Y
+Ω
OUT_R
BOTTOM
VIEW
+Ω
OUT_P
NC
AM09244V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com