Electronic Components Datasheet Search
  English  ▼

X  

L3G462A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L3G462A
Description  625 dps full scale - 3-axis analog gyroscope
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G462A Datasheet(HTML) 5 Page - STMicroelectronics

  L3G462A Datasheet HTML 1Page - STMicroelectronics L3G462A Datasheet HTML 2Page - STMicroelectronics L3G462A Datasheet HTML 3Page - STMicroelectronics L3G462A Datasheet HTML 4Page - STMicroelectronics L3G462A Datasheet HTML 5Page - STMicroelectronics L3G462A Datasheet HTML 6Page - STMicroelectronics L3G462A Datasheet HTML 7Page - STMicroelectronics L3G462A Datasheet HTML 8Page - STMicroelectronics L3G462A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
L3G462A
Mechanical and electrical specifications
Doc ID 018584 Rev 1
5/11
2.2
Electrical characteristics
Vdd=3.0 V, T=25 °C unless otherwise noted (b)
b.
The product is factory calibrated at 3.0 V.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.4
3.0
3.6
V
Idd
Supply current
6.9
mA
IddSL
Supply current
in sleep mode(2)
Selectable by digital
interface
2mA
IddPdn
Supply current in
power-down mode
Selectable by digital
interface
5
µA
Top
Operating temperature
range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Sleep mode introduces a faster turn-on time related to power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com