Electronic Components Datasheet Search
  English  ▼

X  

BTS282Z Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS282Z Datasheet HTML 1Page - Infineon Technologies AG BTS282Z Datasheet HTML 2Page - Infineon Technologies AG BTS282Z Datasheet HTML 3Page - Infineon Technologies AG BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000-09-11
5
BTS 282 Z
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
80
-
-
A
Inverse diode direct current,pulsed
TC = 25 °C
IFM
320
-
-
Inverse diode forward voltage
VGS = 0 V, IF = 95 A
VSD
-
1.25
1.6
V
Reverse recovery time
VR = 30 V, IF=IS, diF/dt = 100 A/µs
trr
-
105
157
ns
Reverse recovery charge
VR = 30 V, IF=IS, diF/dt = 100 A/µs
Qrr
-
0.31
0.47
µC
Sensor Characteristics
For temperature sensing, i.e. temperature protection, please consider application note
"Temperature sense concept - Speed TEMPFET”.
For short circuit protection please consider application note "Short circuit behaviour of
the Speed TEMPFET family”.
All application notes are available athttp://www.infineon.com/tempfet/
Forward voltage
IAK(on) = 5 mA, Tj = -40...+150 °C
IAK(on) = 1.5 mA, Tj = 150 °C
VAK(on)
-
-
1.3
-
1.4
0.9
V
Sensor override
tP = 100 µs, Tj = -40...+150 °C
-
-
10
Forward current
Tj = -40...+150 °C
IAK(on)
-
-
5
mA
Sensor override
tP = 100 µs, Tj = -40...+150 °C
-
-
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com