Electronic Components Datasheet Search
  English  ▼

X  

BTS282Z Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS282Z Datasheet HTML 2Page - Infineon Technologies AG BTS282Z Datasheet HTML 3Page - Infineon Technologies AG BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG BTS282Z Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000-09-11
6
BTS 282 Z
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Sensor Characteristics
Temperature sensor leakage current
Tj = 150 °C
IAK(off)
-
-
4
µA
Min. reset pulse duration 1)
Tj = -40...+150 °C, IAK(on) = 0.3 mA,
VAK(Reset)<0.5V
treset
100
-
-
µs
VAK Recovery time1)2)
Tj = -40...+150 °C, IAK(on) = 0.3 mA
trecovery
-
-
150
Characteristics
Holding current, VAK(off) = 5V
Tj = 25 °C
Tj = 150 °C
IAK(hold)
0.05
0.05
-
-
0.5
0.3
mA
Thermal trip temperature
VTS = 5V
TTS(on)
150
160
170
°C
Turn-off time (Pin G+A and K+S connected)
VTS = 5V, ITS(on) = 2 mA
toff
0.5
-
2.5
µs
Reset voltage
Tj = -40...+150°C
VAK(reset) 0.5
-
-
V
Sensor recovery behaviour:
V
AK [V ]
t
re s e t
t
r e co ve ry
5
4
0
ON R e s e t
O F F
Se n s o r
Se n s o r RE SET
1See diagram Sensor recovery behaviour
2Time after reset pulse until VAK reaches 4V again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com