Electronic Components Datasheet Search
  English  ▼

X  

STGD10HF60KD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD10HF60KD
Description  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10HF60KD Datasheet(HTML) 4 Page - STMicroelectronics

  STGD10HF60KD Datasheet HTML 1Page - STMicroelectronics STGD10HF60KD Datasheet HTML 2Page - STMicroelectronics STGD10HF60KD Datasheet HTML 3Page - STMicroelectronics STGD10HF60KD Datasheet HTML 4Page - STMicroelectronics STGD10HF60KD Datasheet HTML 5Page - STMicroelectronics STGD10HF60KD Datasheet HTML 6Page - STMicroelectronics STGD10HF60KD Datasheet HTML 7Page - STMicroelectronics STGD10HF60KD Datasheet HTML 8Page - STMicroelectronics STGD10HF60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STGD10HF60KD
4/21
DocID022874 Rev 3
2
Electrical characteristics
TCASE=25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE= 0)
IC = 1 mA, TC = -40 °C
(1)
IC = 1 mA
IC = 1 mA, TC = 150 °C
1.
Value guaranteed by design
600
610
650
700
V
V
V
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
VGE = ±20 V, TC = 150 °C
±100
± 1
nA
µA
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TC = 150 °C
150
1
µA
mA
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
4.5
6.5
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15 V, IC = 5 A
1.4
2.5
V
Table 5. Dynamic (1)
1.
Values guaranteed by design
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE= 0
-430
-
pF
Coes
Output capacitance
-
45
-
pF
Cres
Reverse transfer
capacitance
-10
-
pF
Qg
Total gate charge
VCE = 400 V, IC = 5 A,
VGE = 15 V
-23
-
nC
Qge
Gate-emitter charge
-
4
-
nC
Qgc
Gate-collector charge
-
11
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com