Electronic Components Datasheet Search
  English  ▼

X  

STGD10HF60KD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD10HF60KD
Description  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10HF60KD Datasheet(HTML) 5 Page - STMicroelectronics

  STGD10HF60KD Datasheet HTML 1Page - STMicroelectronics STGD10HF60KD Datasheet HTML 2Page - STMicroelectronics STGD10HF60KD Datasheet HTML 3Page - STMicroelectronics STGD10HF60KD Datasheet HTML 4Page - STMicroelectronics STGD10HF60KD Datasheet HTML 5Page - STMicroelectronics STGD10HF60KD Datasheet HTML 6Page - STMicroelectronics STGD10HF60KD Datasheet HTML 7Page - STMicroelectronics STGD10HF60KD Datasheet HTML 8Page - STMicroelectronics STGD10HF60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID022874 Rev 3
5/21
STGD10HF60KD
Electrical characteristics
21
Table 6. Switching on/off (inductive load) (1)
1.
Value guaranteed by design
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VCC = 400 V, IC = 5 A
RG =10 Ω, VGE = 15 V
-9.5
-
ns
tr
Current rise time
-
4.4
-
ns
(di/dt)on
Turn-on current slope
930
A/µs
td(on)
Turn-on delay time
VCC = 400 V, IC = 5 A
RG =10 Ω, VGE= 15 V
TC = 150 °C
-11
-
ns
tr
Current rise time
-
4.8
-
ns
(di/dt)on
Turn-on current slope
-
904
-
A/µs
tr(Voff)
Off voltage rise time
VCC = 400 V, IC = 5 A,
RGE = 10 Ω, VGE = 15 V
-34
-
ns
td(off)
Turn-off delay time
-
87
-
ns
tf
Current fall time
-
100
-
ns
tr(Voff)
Off voltage rise time
VCC = 400 V, IC = 5 A,
RGE = 10 Ω, VGE = 15 V
TC= 150 °C
-83
-
ns
td(off)
Turn-off delay time
-
93
-
ns
tf
Current fall time
-
224
-
ns
Table 7. Switching energy (inductive load) (1)
1.
Value guaranteed by design
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon (2)
2.
IGBT and diode are at the same temperature
Turn-on switching losses
VCC = 400 V, IC = 5 A
RG = 10 Ω, VGE = 15 V
-45
-
µJ
Eoff
(3)
3.
Turn-off losses include also the tail of the collector current
Turn-off switching losses
-
105
-
µJ
Ets
Total switching losses
-
150
-
µJ
Eon (2)
Turn-on switching losses
VCC = 400 V, IC = 5 A
RG = 10 Ω, VGE= 15 V
TC = 150 °C
-84
-
µJ
Eoff
(3)
Turn-off switching losses
-
286
-
µJ
Ets
Total switching losses
-
370
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com