Electronic Components Datasheet Search
  English  ▼

X  

STGF17NC60SD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGF17NC60SD
Description  17 A, 600 V fast IGBT with Ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF17NC60SD Datasheet(HTML) 7 Page - STMicroelectronics

  STGF17NC60SD Datasheet HTML 1Page - STMicroelectronics STGF17NC60SD Datasheet HTML 2Page - STMicroelectronics STGF17NC60SD Datasheet HTML 3Page - STMicroelectronics STGF17NC60SD Datasheet HTML 4Page - STMicroelectronics STGF17NC60SD Datasheet HTML 5Page - STMicroelectronics STGF17NC60SD Datasheet HTML 6Page - STMicroelectronics STGF17NC60SD Datasheet HTML 7Page - STMicroelectronics STGF17NC60SD Datasheet HTML 8Page - STMicroelectronics STGF17NC60SD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STGF17NC60SD
Package mechanical data
Doc ID 018834 Rev 1
7/9
Figure 6.
TO-220FP drawing
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com