Electronic Components Datasheet Search
  English  ▼

X  

BTS412B2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS412B2
Description  Smart Highside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS412B2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS412B2 Datasheet HTML 6Page - Infineon Technologies AG BTS412B2 Datasheet HTML 7Page - Infineon Technologies AG BTS412B2 Datasheet HTML 8Page - Infineon Technologies AG BTS412B2 Datasheet HTML 9Page - Infineon Technologies AG BTS412B2 Datasheet HTML 10Page - Infineon Technologies AG BTS412B2 Datasheet HTML 11Page - Infineon Technologies AG BTS412B2 Datasheet HTML 12Page - Infineon Technologies AG BTS412B2 Datasheet HTML 13Page - Infineon Technologies AG BTS412B2 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BTS 412B2
Semiconductor Group
11
Figure 3b: Turn on into overload,
IN
ST
L
t
I
L(SCr)
I
L(SCp)
I
Heating up may require several seconds,
Vbb - VOUT < 8.5 V typ.
Figure 3c: Short circuit while on:
IN
ST
OUT
L
t
V
I
**)
**) current peak approx. 20
µs
Figure 4a: Overtemperature,
Reset if (IN=low) and (Tj<Tjt)
IN
ST
OUT
J
t
V
T
*) ST goes high , when VIN=low and Tj<Tjt
Figure 5a: Open load: detection in OFF-state, turn
on/off to open load
IN
ST
OUT
L
t
V
I
open
normal
t
d(ST OL3)
*)
in case of external capacity td(ST,OL3) may be higher due to high
impedance
*) IL = 30 µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com