Electronic Components Datasheet Search
  English  ▼

X  

BTS412B2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTS412B2
Description  Smart Highside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS412B2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTS412B2 Datasheet HTML 6Page - Infineon Technologies AG BTS412B2 Datasheet HTML 7Page - Infineon Technologies AG BTS412B2 Datasheet HTML 8Page - Infineon Technologies AG BTS412B2 Datasheet HTML 9Page - Infineon Technologies AG BTS412B2 Datasheet HTML 10Page - Infineon Technologies AG BTS412B2 Datasheet HTML 11Page - Infineon Technologies AG BTS412B2 Datasheet HTML 12Page - Infineon Technologies AG BTS412B2 Datasheet HTML 13Page - Infineon Technologies AG BTS412B2 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
BTS 412B2
Semiconductor Group
12
Figure 5b: Open load: detection in OFF-state, open
load occurs in off-state
IN
ST
OUT
L
t
V
I
open
load
normal
load
normal
load
*)
*)
*) IL = 30 µA typ
Figure 6a: Undervoltage:
IN
V
OUT
t
V
bb
ST CMOS
V
V
bb(under)
bb(u rst)
bb(u cp)
V
Figure 6b: Undervoltage restart of charge pump
bb(under)
V
V
bb(u rst)
V
bb(over)
V
bb(o rst)
V
bb(u cp)
VON(CL)
V bb
V
on
charge pump starts at Vbb(ucp) =5.6 V typ.
Figure 7a: Overvoltage:
IN
V
OUT
t
V
bb
ST
ON(CL)
V
Vbb(over)
V
bb(o rst)
if Vbb > Vbb(AZ) increase of VST due to GND resistor voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com