Electronic Components Datasheet Search
  English  ▼

X  

STL66N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL66N3LLH5
Description  Automotive-grade dual N-channel 30 V, 4.5 mΩ typ., 80 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL66N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2016
DocID022356 Rev 3
1/15
This is information on a product in full production.
www.st.com
STL66N3LLH5
Automotive-grade dual N-
channel 30 V, 4.5 mΩ typ., 80 A
STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STL66N3LLH5
30 V
5.8 mΩ
80 A
Designed for automotive applications and
AEC-Q101 qualified
Low on-resistance RDS(on)
High avalanche ruggedness
Low gate drive power loss
Wettable flank package
Applications
Switching applications
Automotive
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’ STripFET™
H5 technology. The device has been optimized to
achieve very low on-state resistance, contributing
to a FoM that is among the best in its class.
Table 1: Device summary
Order code
Marking
Package
Packing
STL66N3LLH5
66N3LLH5
PowerFLAT™ 5x6
Tape and reel


Similar Part No. - STL66N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL66DN3LLH5 STMICROELECTRONICS-STL66DN3LLH5 Datasheet
617Kb / 15P
Dual N-channel 30 V, 5.9 mΩ, 20 A STripFET™ V Power MOSFET in PowerFLAT™ 5x6 double island package
March 2012 Rev 2
More results

Similar Description - STL66N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL58N3LLH5 STMICROELECTRONICS-STL58N3LLH5 Datasheet
711Kb / 16P
Automotive-grade N-channel 30 V, 0.0076 Ω typ., 56 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com