Electronic Components Datasheet Search
  English  ▼

X  

STL66N3LLH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL66N3LLH5
Description  Automotive-grade dual N-channel 30 V, 4.5 mΩ typ., 80 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66N3LLH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL66N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STL66N3LLH5
Electrical ratings
DocID022356 Rev 3
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
30
V
VGS
Gate-source voltage
±22
V
ID(1)
Drain current (continuous) at Tcase = 25 °C
80
A
Drain current (continuous) at Tcase = 100 °C
57
ID(2)
Drain current (continuous) at Tpcb = 25 °C
21
A
Drain current (continuous) at Tpcb = 100 °C
14.5
IDM(2)(3)
Drain current (pulsed)
84
A
PTOT(1)
Total dissipation at Tcase = 25 °C
72
W
PTOT(2)
Total dissipation at Tpcb = 25 °C
4.8
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
Notes:
(1) This value is rated according to Rthj-c
(2) This value is rated according to Rthj-pcb
(3) Pulse width is limited by safe operating area.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.08
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
31.3
Notes:
(1) When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, not repetitive
10.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAV, VDD = 24 V)
180
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com