Electronic Components Datasheet Search
  English  ▼

X  

STP80N70F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80N70F4
Description  N-channel 68 V, 8.2 mΩ typ., 85 A STripFET™ DeepGATE™ Power MOSFET in TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N70F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP80N70F4 Datasheet HTML 1Page - STMicroelectronics STP80N70F4 Datasheet HTML 2Page - STMicroelectronics STP80N70F4 Datasheet HTML 3Page - STMicroelectronics STP80N70F4 Datasheet HTML 4Page - STMicroelectronics STP80N70F4 Datasheet HTML 5Page - STMicroelectronics STP80N70F4 Datasheet HTML 6Page - STMicroelectronics STP80N70F4 Datasheet HTML 7Page - STMicroelectronics STP80N70F4 Datasheet HTML 8Page - STMicroelectronics STP80N70F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
December 2012
Doc ID 18377 Rev 2
1/12
12
STP80N70F4
N-channel 68 V, 8.2 m
Ω typ., 85 A STripFET™ DeepGATE™
Power MOSFET in TO-220 package
Datasheet — production data
Features
■ N-channel enhancement mode
■ 100% avalanched rated
■ Low gate charge
■ Very low on-resistance
Application
Switching applications
Description
This device is an N-channel Power MOSFET
developed using ST’s STripFET™ DeepGATE™
technology. The device has a new gate structure
and is specially designed to minimize on-state
resistance to provide superior switching
performance.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STP80N70F4
68 V
< 9.8 m
Ω
85 A
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP80N70F4
80N70F4
TO-220
Tube
www.st.com


Similar Part No. - STP80N70F4

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP80N70F4 DOINGTER-STP80N70F4 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
STP80N70F4 ISC-STP80N70F4 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP80N70F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
24-Jul-2012
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
24-Jul-2012
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com